Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download DMS3106R12S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMS E/F/R Series
DMS E/F/R Series
MIL-C-5015 Compatible Environment Resistant Type.
Outline DDK'S DMS E/F/R Series provides a set of moisture-resistant and oil-resistant connectors. This series uses synthetic rubber for their inserts to cope with the various environments in which industrial machines are installed. The products in the DMS E/F/R series are compatible and comply with MIL-C-5015. The F and R types prevent the entry of water moisture, cutting oil and other foreign substances into machines where those connectors are employed, helping enhance the reliability of the equipment. Features * Synthetic rubber inserts. * Grommet for moisture-proof. * Unified backshell with cable clamp. * Grommet and cable clamp combination for extra strength to hold cable. * Solder termination contacts.
Application
The DMS E/F/R series is designed and manufactured for reliable performance is a broadrange of electric / electronic equipment applications. These include machine tools, communications, instrumentation and high current systems.
Material / Finish
Contact Copper Alloy Silver Plating Insert Ethylene Propylene Rubber Black Shell Aluminum Alloy Zinc Plating , Black chromate finish. Olive drab chromate finish.
Receptacle Connector
Plug Connector
Wall Receptacle DMS3100E
Straight Plug DMS3106E / F
Cable Receptacle DMS3101E
Angle Plug DMS3108E / F
Box Receptacle DMS3102E / R
DMS E/F/R Series
Specification
Insulation Resistance
Temperature Range Durability Thermal Shock Humidity Vibration Shock, Electrical
Salt Spray
More than 500M at DC500V (at 25 degree) -55 +125 500 cycle mating / unmating operatings MIL-STD-202 method 107 Temperature range of -55 +125 Relative humidity : 95 3 Temperature : 712 Duration : 14 days(336hrs.) MIL-STD-1344 method 2005 10-500Hz or 10G units 1-2 sine wave transient shock impulse of 50G units Duration: 10 micro sec(There must not be current interception.) Test Current / 100mA MIL-STD-1344 method 1001 Salt solution / 5% Temperature in tank / 35 Duration: 48H
Ferrule Grommet
Structural Explanation
Pin Insert Pin Contact
Backshell Wall Receptacle Shell
Wall Receptacle Connector DMS3100E-P-
Ferrule Grommet Socket Insert Socket Contact
Backshell Coupling Ring Straight Plug Shell
Straight Plug Connector DMS3106-S-
2
DMS E/F/R Series
CONTACT
Solder Type
Pin Contact DMSE - # P Socket Contact DMSE - # S
Crimp Type
Pin Contact DMSE - # PC - Socket Contact DMSE - # SC -
Applicable Wire
Contact Size #16 #12 #8 #4 #0 AWG #16 - #22 #12 - #14 #8 - #10 #4 - #6 #0 - #2 Sectional Area Capacitance (m ) 1.25 3.50 8.00 22.00 50.00 Max. Conductor External Diameter (mm) 1.6 2.5 4.5 7.0 11.0
Current Rating
Contact Size #16 #12 #8 #4 #0 AWG #16 - #22 #12 - #14 #8 - #10 #4 - #6 #0 - #2 Max. Value per Contact(A) 13 23 46 80 150
Voltage Rating
Service Rating INST A D E B C Voltage Rating(V) DC AC (r.m.s) 250 200 700 500 1250 900 1750 1250 2450 1750 4200 3000
3
DMS E/F/R Series
Insert Arrangement List
Contact Size #16 #12 #8 #4 #0 Front face of pin insert or rear face of socket insert illustrated.
1 Contacts
2 Contacts A B B A B A
20 - 2 1 - #0 Serv. D
10SL - 4 2 - #16 Serv. A
12S - 3 2 - #12 Serv. A
18 - 3 2 - #12 Serv. D
3 Contacts
C A
C
A B C
A
C
A
B
B
B
10SL - 3 3 - #16 Serv. A
14S - 7 3 - #16 Serv. A
16S - 5 3 - #16 Serv. A
16 - 10 3 - #12 Serv. A
4 Contacts
B A D C D C A B
D
A D A B
22 - 22 4 - #8 Serv. A
D
A
C
B
C
C
B
14S - 2 4 - #16 Serv. INST.
16 - 9 2 - #16 / 2 - #12 Serv. A
18 - 10 4 - #12 Serv. A
32 - 17 4 - #4 Serv. D
5 Contacts
E B D C D C A B
E D C
B
A
E
A
A
E C D
B
18 - 11 5 - #12 Serv. A
14S - 5 5 - #16 Serv. INST.
16S - 8 5 - #16 Serv. A
28 - 5B 2 - #4 / 3 - #8 Serv. D ( A, B ) Serv. A ( C, D, E )
Note: Serv = Service Rating
4
DMS E/F/R Series
Insert Arrangement List
Contact Size #16 Front face of pin insert or rear face of socket insert illustrated. 6 Contacts
F F E D C A B C E A B
#12
#8
#4
#0
14S - 6 6 - #16 Serv. INST.
D
36 - 3 3 - #0 / 3 - #12 Serv. D
7 Contacts
F E D A B C F E G A B E F G A B
G
D
C
D
C
16S - 1 7 - #16 Serv. A
20 - 15 7 - #12 Serv. A
24 - 10 7 - #8 Serv. A
10 Contacts
H G I J A B D F E C H D K J B E A F C G H
11 Contacts
K J M L C A B
F E
D
18 - 1 10 - #16 Serv.A (B,C,F,G) Serv.INST. (Others)
18 - 19 10 - #16 Serv. A
20 - 33 11 - #16 Serv. A
14 Contacts
J I H N M G F E D G K L A B C H N E F J P K A L B C M D L
17 Contacts
AB M T S K J H G N P C D E F
19 Contacts
M L K T J H G F S U V R E N P A B C D
R
20 - 27 14 - #16 Serv. A
22 - 19 14 - #16 Serv. A
20 - 29 17 - #16 Serv. A
22 - 14 19 - #16 Serv. A
Note: Serv = Service Rating
5
DMS E/F/R Series
Insert Arrangement List
Contact Size #16 Front face of pin insert or rear face of socket insert illustrated. 24 Contacts
A E K R W L S X F M T Y BC G N U Z H P V a g n p r s b h c i d k D J Q S K T
#12
#8
#4
#0
37 Contacts
A E L U F M V B G N W e m f d m t e CD H P X J R Z V H O W
48 Contacts
A C J P X Q Y f n u y p v z B D K R Z g q w E L S a h r x F M T b i s G N U c k
24 - 28 24 - #16 Serv. INST.
28 - 21 37 - #16 Serv. A
36 - 10 48 - #16 Serv. A
Note: Serv = Service Rating
6
DMS E/F/R Series
Alternate Insert Position
Insert No.
10SL-3 10SL-4 12S-3 14S-2 14S-5 14S-6 14S-7 16S-1 16S-5 16S-8 16-9 16-10 18-1 18-3 18-10 18-11 18-19 20-2 20-15 20-27 20-29 20-33 22-14 22-19 22-22 24-10 24-28 28-5B 28-21 32-17 36-3 36-10
W 70 90 80 70 35 90 70 35 80 35 80 80 80 80 80 80 45 70 80
Key / Keyway No. X Y Z 145 215 290 120 240 110 180 270 180 270 145 215 290 170 265 110 250 325 180 270 145 215 290 110 250 325 120 240 170 265 120 240 280 110 250 325 280 110 250 280 110 250 280 110 250 280 110 250 280 110 250 280 110 250 145 215 290 125 235 280
C (Normal Position) L
Front face of Pin Insert or Rear face of socket insert
X
W
Y
Z
7
DMS E/F/R Series
Insert Specifications
Insert No. 10SL 12S 14S No.of Pins 10SL-3 10SL-4 12S-3 14S-2 14S-5 14S-6 14S-7 16S-1 16S-5 16S-8 16-9 16-10 18-1 18-3 18-10 18-11 18-19 #0 Contact Size #4 #8 #12 #16 3 2 2 4 5 6 3 7 3 5 2 10 2 4 5 10 Service Rating A A A INST INST INST A A A A A A A (B, C, F, G) / INST(Other) A A A A
16S
16 18
2 3
20
22
24 28 32 36
20-2 20-15 20-27 20-29 20-33 22-14 22-19 22-22 24-10 24-28 28-5B 28-21 32-17 36-3 36-10
1
7 14 17 11 19 14 4 7 24 2 4 3 3 48 3 37
D A A A A A A A A INST A (C, D, E) / D (A, B) A D D A
Note : 10SL-3 and 10SL-4 arrangement available only with pin contacts in receptacle and socket contacts in plug ( Example : DMS3102R10SL-3P, DMS3102R10SL-4P, DMS3106E10SL-3S, DMS3106E10SL-4S)
8
DMS E/F/R Series
DMS E/F/R Part Numbering System
(Example part Number shown.)
DMS 3106 F 20 - 29 S W - C - BSS - 1
Applicable Cable Diameter
0 : With non - waterproof cable clamp 1 8 : With waterproof cable clamp
Backshell Style
BSN : With non - waterproof straight backshell. BSS : With waterproof straight backshell. BSL : With waterproof Long straight backshell. Omit : Applicable Cable Diameter Refer to the following name of articles. 3100E / 3101E : With waterproof straight backshell, grommet and ferrule. 3106E / F : With waterproof straight backshell, grommet and ferrule. 3108E / F : With waterproof angle backshell, grommet and ferrule.
Deviations
Omit : Black chromate finish. A : Olive drab chromate finish.
Alternate Insert Position
Omit : Normal position "W", "X", "Y", "Z" : Refer to page 7
Contact Configuration (style)
P : Solder pin contacts S : Solder socket contacts PC : Crimp pin contacts SC : Crimp socket contacts
Insert Arrangement : Refer to page 4 - 6 Shell Size
10SL, 12S, 14S, 16S, 16, 18, 20, 22, 24, 28, 32, 36
Service Class
E : Environmental with rubber insert. F : Environmental with rubber insert and gasket R : Environmental with rubber insert and gasket ( 3102 ) R : Environmental with rubber insert and potting backshell ( 3100, 3101, 3106 ).
Shell Style
3100 : Wall connecting receptacle ( in-line receptacle ) 3101 : Cable connecting receptacle ( in-line receptacle ) 3102 : Box mounting receptacle 3106 : Straight plug 3108 : 90 degree angle plug
Connector Series
DMS : Chromate Finish
9
DMS E/F/R Series
Wall Receptacle Connector DMS3100E - P / S - -
Backshell DMSE - BS
DMS3100E - P / S -
Ferrule DMSE - FL Wall Receptacle Shell DMSE - WRS Grommet DMSE - - GM
DMS3100E - P / S - BS - CE3057 - A
Waterproof Straight Backshell DMSE - BSS
Cable Clamp
Waterproof Straight Backshell DMSE - BSLS Cable Clamp DMS3057 - AK
DMS3100E - P / S - - BSN -
Straight Backshell DMSE - BSN
DMS3100E - P / S - - BA -
Angle Backshell DMSE - BA
10
DMS E/F/R Series
Cable Receptacle Connector DMS3101E - P / S - -
Backshell DMSE - BS
DMS3101E - P / S -
Ferrule DMSE - FL Grommet DMSE - - GM
Cable Receptacle Shell DMSE - CRS
Cable Clamp CE3057 - A - Waterproof Straight Backshell DMSE - BSS
DMS3101E - P / S - BS -
Waterproof Straight Backshell DMSE - BSLS
DMS3101E - P / S - - BSN -
Cable Clamp DMS3057 - AK
Straight Backshell DMSE - BSN
DMS3101E - P / S - - BA -
Angle Backshell DMSE - BA
11
DMS E/F/R Series
Box Mounting Receptacle Connector DMS3102E - - DMS3102R - - ( With Gasket )
DMS3102E - P / S -
DMS3102R - P / S - Gasket
12
DMS E/F/R Series
Straight Plug Connector DMS3106E - - DMS3106F - - ( With Gasket )
Backshell DMSE - BS
DMS3106F - P / S -
Ferrule DMSE - FL Grommet DMSE - - GM
Plug Shell Assembly DMSE - PSA
Cable Clamp CE3057A - - Waterproof Straight Backshell DMSE - BSS
DMS3106F - P / S - - BS -
Waterproof Long Straight Backshell DMSE - BSLS
Cable Clamp DMS3057 - AK
DMS3106E - P / S - - BSN - 0
Straight Backshell DMSE - BSN
Backshell (Type - R) DMSE - BSR-
DMS3106R - P / S -
13
DMS E/F/R Series
Angle Plug Connector DMS3108E - - DMS3108F - - ( With Gasket )
DMS3108F - P / S -
Angle Backshell DMSE - BA
Ferrule DMS - FL Grommet DMSE - - GM Plug Shell Assembly DMSE - PSA
14
DMS E/F/R Series
Wall Receptacle Connector DMS3100E - -
A
Insert Arrangement List
B min. K L max. M
R S
H
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
K0.05 2.2 3.0 2.9 3.2 2.9 4.2 3.7 4.0 3.4 3.4 4.0 4.1
L 52.5 53.1 59.3 63.0 67.7 69.2 68.2 70.9 78.0 78.0 75.0
M
+0.78 0
R0.12 S0.5 H-0.12 18.26 20.62 23.01 24.61 24.61 26.94 29.36 31.75 34.93 39.67 44.45 49.20 25.40 27.80 30.18 32.54 32.54 34.93 38.10 41.28 45.00 50.80 57.15 63.50 3.0 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.8 3.8 4.5 4.5
+0.25
14.5 14.6 14.6 14.5 19.5 19.2 19.2 19.2 21.0 21.3 22.5 22.4
15
DMS E/F/R Series
Wall Receptacle Connector DMS3100E - - BSS -
A
Insert Arrangement List
B min. K L max. M
R S
H
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
K0.05 2.2 3.0 2.9 3.2 2.9 4.2 3.7 4.0 3.4 3.4 4.0 4.1
L 54.7 57.1 62.5 65.2 69.9 72.1 73.1 78.0 87.7 93.6 102.9 108.8
M
+0.78 0
R0.12 S0.5 H-0.12 18.26 20.62 23.01 24.61 24.61 26.94 29.36 31.75 34.93 39.67 44.45 49.20 25.40 27.80 30.18 32.54 32.54 34.93 38.10 41.28 45.00 50.80 57.15 63.50 3.0 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.8 3.8 4.5 4.5
+0.25
14.5 14.6 14.6 14.5 19.5 19.2 19.2 19.2 21.0 21.3 22.5 22.4
16
DMS E/F/R Series
Wall Receptacle Connector DMS3100E - - BSL -
A
Insert Arrangement List
B min. K L max. M
R S
H
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
K0.05 2.2 3.0 2.9 3.2 2.9 4.2 3.7 4.0 3.4 3.4 4.0 4.1
L 74.7 77.1 82.5 85.2 89.9 112.1 93.1 98.0 107.7 113.6 122.9 128.8
M
+0.78 0
R0.12 S0.5 H-0.12 18.26 20.62 23.01 24.61 24.61 26.94 29.36 31.75 34.93 39.67 44.45 49.20 25.40 27.80 30.18 32.54 32.54 34.93 38.10 41.28 45.00 50.80 57.15 63.50 3.0 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.8 3.8 4.5 4.5
+0.25
14.5 14.6 14.6 14.5 19.5 19.2 19.2 19.2 21.0 21.3 22.5 22.4
17
DMS E/F/R Series
Wall Receptacle Connector DMS3100E - - BSN -
A
Insert Arrangement List
B min. K L max. M
R S
H
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
K0.05 2.2 3.0 2.9 3.2 2.9 4.2 3.7 4.0 3.4 3.4 4.0 4.1
L 50.1 54.5 53.7 58.4 63.1 65.8 68.6 67.5 73.4 75.0 74.7 78.7
M
+0.78 0
R0.12 S0.5 H-0.12 18.26 20.62 23.01 24.61 24.61 26.94 29.36 31.75 34.93 39.67 44.45 49.20 25.40 27.80 30.18 32.54 32.54 34.93 38.10 41.28 45.00 50.80 57.15 63.50 3.0 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.8 3.8 4.5 4.5
+0.25
14.5 14.6 14.6 14.5 19.5 19.2 19.2 19.2 21.0 21.3 22.5 22.4
18
DMS E/F/R Series
Cable Receptacle Connector DMS3101E - -
A
Insert Arrangement List
B min. K L max. M
S
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
L 52.0 53.1 59.3 63.0 67.7 69.2 70.9 70.9 78.0 78.0 75.0
D0.5 S0.5 22.0 25.0 28.0 31.0 31.0 33.9 37.0 40.0 43.3 49.5 55.5 62.3 16.5 19.3 22.6 25.5 25.5 28.7 32.0 35.0 38.2 44.7 50.8 57.3
D
19
DMS E/F/R Series
Cable Receptacle Connector DMS3101E - - BSS -
A
Insert Arrangement List
B min. K L max. M
S
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
L 54.7 57.1 62.5 65.2 69.9 72.1 73.1 78.0 87.7 93.6 102.9 108.8
D0.5 S0.5 22.0 25.0 28.0 31.0 31.0 33.9 37.0 40.0 43.3 49.5 55.5 62.3 16.5 19.3 22.6 25.5 25.5 28.7 32.0 35.0 38.2 44.7 50.8 57.3
D
20
DMS E/F/R Series
Cable Receptacle Connector DMS3101E - - BSL -
A
Insert Arrangement List
B min. K L max. M
S
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
L 74.7 77.1 82.5 85.2 89.9 92.1 93.1 98.0 107.7 113.6 122.9 128.8
D0.5 S0.5 22.0 25.0 28.0 31.0 31.0 33.9 37.0 40.0 43.3 49.5 55.5 62.3 16.5 19.3 22.6 25.5 25.5 28.7 32.0 35.0 38.2 44.7 50.8 57.3
D
21
DMS E/F/R Series
Cable Receptacle Connector DMS3101E - - BSN -
A
Insert Arrangement List
B min. K L max. M
S
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
L 50.1 54.5 53.7 58.4 63.1 65.8 68.6 67.5 73.4 75.0 74.7 78.7
D0.5 S0.5 22.0 25.0 28.0 31.0 31.0 33.9 37.0 40.0 43.3 49.5 55.5 62.3 16.5 19.3 22.6 25.5 25.5 28.7 32.0 35.0 38.2 44.7 50.8 57.3
D
22
DMS E/F/R Series
Box Receptacle Connector DMS3102E - - DMS3102R - - ( With Gasket )
A
Gasket
Insert Arrangement List
1.5 K
B min. M L max.
R S
H
(THRU HOLE)
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
B 12.0 12.0 11.0 12.0 16.0 16.0 16.0 16.0 17.0 18.0 18.0 18.0
K0.05 2.2 3.0 2.9 3.2 2.9 4.2 3.7 4.0 3.4 3.4 4.0 4.1
L 25.0 27.0 26.5 25.6 33.3 33.4 32.1 35.0 36.0 36.7 39.0 39.5
M
+0.78 0
R0.12 S0.5 H-0.12 18.26 20.62 23.01 24.61 24.61 26.94 29.36 31.75 34.93 39.67 44.45 49.20 25.40 27.80 30.18 32.54 32.54 34.93 38.10 41.28 45.00 50.80 57.15 63.50 3.0 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.8 3.8 4.5 4.5
+0.25
14.5 14.6 14.6 14.5 19.5 19.2 19.2 19.2 21.0 21.3 22.5 22.4
23
DMS E/F/R Series
Box Receptacle Connector DMS3102E - - DMS3102R - - ( With Gasket )
(1.5) U1 U2
T
R (0.8) W
R
T
(THRU HOLE) Panel Cut-Out
Panel Cut-Out
(THRU HOLE)
Panel Thickness(MAX)
Shell Size R0.12 U1 10SL 12S 14S 16S 16 18 20 22 24 28 32 36 18.26 20.62 23.01 24.61 24.61 26.94 29.36 31.75 34.93 39.67 44.45 49.23
+0.2 +0.2 0 U2 0
T
W 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
15.5 16.8 20.0 23.0 22.9 27.0 30.0 33.0 36.3 43.0 48.3 54.3
16.7 19.9 23.1 26.3 26.3 29.4 32.6 35.8 39.0 45.3 51.6 57.9
3.05 3.05 3.05 3.05 3.05 3.05 3.05 3.05 3.75 3.75 4.40 4.40
24
DMS E/F/R Series
Straight Plug Connector DMS3106E - - DMS3106F - - ( With Gasket )
Insert Arrangement List
A
D max.
L max.
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
L
D
43.6 43.4 43.8 47.4 54.4 55.9 55.2 59.2 63.0 63.6 61.0
22.30 26.25 28.90 31.90 31.90 33.80 37.55 40.85 43.70 50.70 57.20 63.20
25
DMS E/F/R Series
Straight Plug Connector DMS3106E - - DMS3106F - - BSS - ( With Gasket )
Insert Arrangement List
A
D max.
L max.
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
L
D
54.8 56.1 62.0 63.8 68.6 70.0 72.3 78.0 86.7 91.9 100.9 105.3
22.30 26.25 28.90 31.90 31.90 33.80 37.55 40.85 43.70 50.70 57.20 63.20
26
DMS E/F/R Series
Straight Plug Connector DMS3106E - - DMS3106F - - BSL - ( With Gasket )
Insert Arrangement List
A
D max.
L max.
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
L
D
74.8 76.1 82.0 83.8 88.6 90.0 92.3 98.0 106.7 111.9 120.9 125.3
22.30 26.25 28.90 31.90 31.90 33.80 37.55 40.85 43.70 50.70 57.20 63.20
27
DMS E/F/R Series
Straight Plug Connector DMS3106E - - DMS3106F - - BSN - ( With Gasket )
Insert Arrangement List
A
D max.
L max.
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
L
D
50.1 53.5 63.0 57.0 61.8 63.7 67.8 66.0 72.4 73.3 72.7 75.2
22.30 26.25 28.90 31.90 31.90 33.80 37.55 40.85 43.70 50.70 57.20 63.20
28
DMS E/F/R Series
Straight Plug Connector DMS3106R - - ( With Gasket )
Insert Arrangement List
A
D max.
L max.
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
L
D
43.6 43.4 43.8 47.4 54.4 55.9 55.2 59.2 63.0 63.6 61.0
22.30 26.25 28.90 31.90 31.90 33.80 37.55 40.85 43.70 50.70 57.20 63.20
29
DMS E/F/R Series
Angle Plug Connector DMS3108E - - DMS3108F - - ( With Gasket )
Insert Arrangement List
A
D max.
L max.
Shell Size 10SL 12S 14S 16S 16 18 20 22 24 28 32 36
A 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1-20UNEF 1-20UNEF 1 1/8-18UNEF 1 1/4-18UNEF 1 3/8-18UNEF 1 1/2-18UNEF 1 3/4-18UNS 2-18UNS 2 1/4-16UN
L
D
U
55.6 55.6 58.7 61.1 70.6 52.2 82.6 82.6 94.5 94.5 106.4 109.1
22.30 26.25 28.90 31.90 31.90 33.80 37.55 40.85 43.70 50.70 57.20 63.20
38.1 38.1 40.5 42.9 42.9 45.2 50.0 50.8 54.0 55.6 68.9 69.1
U max.
30
DMS E/F/R Series
Accessories
Backshell
Waterproof Straight Backshell DMSE - BSS
Backshell DMSE - BS
Waterproof Long Straight Backshell DMSE - BSLS
Straight Backshell DMSE - BSN Angle Backshell DMSE - BA
Backshell (Type-R) DMSE - BSR
Front Gasket of Receptacle DMSE - FG
Rear Gasket of Receptacle DMSE - RG
31
DMS E/F/R Series
Accessories
Cable Clamp
Cable Clamp DMS3057 - AK
Waterproof Cable Clamp CE3057 - - A
Bushing
Rubber Bushing AN3420 -
Environmental Bushing CE3420 - -
32
DMS E/F/R Part Numbering System
DMS E/F/R Series MIL-C-5015 Date: July 18, 2008 Revision: A Issued by: DDK Industrial Duty Connectors Division
DMS 3106 F 20 - 29 S W - C - BSS - 1 1 2 34 567 8 9 10
See code below:
1. Series
DMS : Chromate Finish
9.Backshell Style
BSS : BSL : BSN : Omit : 3100E /3101E: 3106E / F / R : 3108E / F : With waterproof straight backshell With Long waterproof backshell With non - waterproof straight backshell Refer to the following name of articles With waterproof straight backshell grommet and ferrule With waterproof straight backshell grommet and ferrule With waterproof angle backshell grommet and ferrule
2.Shell Style
3100 : 3101 : 3102 : 3106 : 3106R : 3108 : Wall connecting receptacle (in-line receptacle) Cable connecting receptacle (in-line receptacle) Box mounting receptacle Straight plug Straight plug 90 degree angle plug
10.Applicable Cable Diameter
0: 1 8: Table 1 Number 0 0 0 0 0 0 0 0 Table 2 Number 1 1 1 1 2 3 1 2 3 7 1 2 4 6 7 8 1 2 3 1 2 With non - waterproof cable clamp (Refer to table 1) With waterproof cable clamp (Refer to table 2) Cable Clamp P/N DMS3057-4AK DMS3057-6AK DMS3057-8AK DMS3057-10AK DMS3057-12AK DMS3057-16AK DMS3057-20AK DMS3057-24AK Cable Clamp P/N CE3057-4A-1(Dxxx) CE3057-6A-1(Dxxx) CE3057-8A-1(Dxxx) CE3057-10A-1(Dxxx) CE3057-10A-2 (Dxxx) CE3057-10A-3 (Dxxx) CE3057-12A-1(Dxxx) CE3057-12A-2 (Dxxx) CE3057-12A-3 (Dxxx) CE3057-12A-7 (Dxxx) CE3057-16A-1(Dxxx) CE3057-16A-2 (Dxxx) CE3057-16A-4 (Dxxx) CE3057-16A-6 (Dxxx) CE3057-16A-7 (Dxxx) CE3057-16A-8 (Dxxx) CE3057-20A-1 (Dxxx) CE3057-20A-2 (Dxxx) CE3057-20A-3 (Dxxx) CE3057-24A-1 (Dxxx) CE3057-24A-2 (Dxxx) Shell Size 10SL,12S 14S 16S,16 18 20,22 24,28 32 36 Shell Size 10SL,12S 14S 16S,16 18 Bushing Used AN3420-4 AN3420-6 AN3420-8 AN3420-10 AN3420-12 AN3420-16 AN3420-20 AN3420-24 Bushing Used CE3420-4-1 CE3420-6-1 CE3420-8-1 CE3420-10-1 CE3420-10-2 CE3420-10-3 CE3420-12-1 CE3420-12-2 CE3420-12-3 CE3420-12-7 CE3420-16-1 CE3420-16-2 CZY005-GB-3 CE3420-16-6 CE3420-16-7 CE3420-16-8 CE3420-20-1 CE3420-20-2 CE3420-20-3 CE3420-24-1 CE3420-24-2 Applicable Cable Diameter 5.6max 7.9max 8-10.5 10.5-14.1 8.5-11 6.5-8.7 12.5-16 9.5-13 Applicable Cable Diameter 3.6-5.6 7-9 8-10.5 10.5-14.1 8.5-11 6.5-8.7 12.5-16 9.5-13 6.8-10 15-17 15-19.1 13-15.5 19.1-21.5 18-20 12.5-14 11-12.5 22-23.8 24-26.6 20-22.5 30-32.5 27.5-29.5
3.Service Class(Connector Class)
E: F: R: R: Environmental with rubber insert Environmental with rubber insert and gasket. Environmental with rubber insert and gasket (3102). Environmental with rubber insert and potting backshell (3100, 3101, 3106).
4.Shell Size
20 : 20 size Shell size 10SL,14S,16S through 36 available
5.Insert Arrangement
20-29 : 20-29 Insert Refer to pages xx-xx for insert availability
6.Contact Configuration (style)
P: S: PC : SC : Solder pin contacts Solder socket contacts Crimp pin contacts Crimp socket contacts
20,22
7.Insert Rotation
Omit: Normal position W,"X","Y","Z" Refer to page 6
24,28
8. Deviations
Omit : Black chromate finish A : Olive drab chromate finish
32
36


▲Up To Search▲   

 
Price & Availability of DMS3106R12S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X